description 7632 is a multi-output positive voltage regulator de- signed to provide fixed precision output voltages of 3.3v, 8v at current up to 0.5a and 5.1v at current up to 1a with external pnp transistor. an internal reset circuit generates a reset pulse when the output 1 decrease below the regulated value. output2 & 3 can be disabled by ttl input. protection features include over voltage protection, short circuit protection and thermal shutdown. features output currents up to 0.5a (output1 & 2) output current up to 1a with external t ransistor (output3) fixed precision output 1 voltage 3.3v 2% fixed precision output 2 voltage 8v 2% (gm7632) control signal generator for output 3 voltage (5.1v 2%) reset facility for output voltage1 output 2,3 with disable by ttl input current limit protection at each output thermal shut down typical applica tion 7632 1 2 3 4 5 6 7 8 9 10 v1 in v2 in active disable "h" cd gnd reset 10k vsys c o n to rl output 2 output 1 output3 0.5amp the f f 0.5amp fixed multi-output positive voltage regulator
marking information & pin configura tions (top view) shipping ordering number ordering information package 7632sip10t a = assembly location y = y ear ww = weekly v 1 in v 2 in del.cap disable gnd reset control output 2 output 1 output 3 7632 ayww 10- sip h/ s 20 units/ tube * for detail ordering number identification, please see last page. f f 0.5amp fixed multi-output positive voltage regulator
p ara met er sym bol ra ting s unit s rem ark 20 20 0.5 1.5 +150 0 ~ + 125 v - v a w c c - - no h eatsi nk - - v in v c i o p d t j t opr absolute maximum ratings dc in put v oltag e disab le inp ut v oltag e outp ut cu rrent powe r diss ipatio n junct ion t empe rature oper ating t empe rature internal block diagram 1 2 4 6 8 9 3 7 10 5 v1 in v2 in v1 in v2 in output 1 output 2 output 2,3 1.4v disable gnd output 3 control 10k vsys a614 "y" cd 100nf reset del.cap - + scp - + 10a sw bandgap reference - + 50mv thermal shut down - + ovp + - scp + - ovp scp 2.5v 0.5amp fixed multi-output positive voltage regulator
parameter min typ max unit condition output voltage 1 line regulation 1,2 load regulation 1, 2 line regulation 3 saturation voltage in reset condition output voltage 2 i 1=10ma, o 6v< 1< 14v 5ma < 1< 500ma v in i o 6v< 1< 14v 10.5v < < 18v 1,2= 200ma v in v2 in i o 5ma < 1 < 500ma 5ma < 2< 500ma i o i o 13v 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 2.0 4.0 6.0 8.0 10 12 14 16 18 20 input voltage v (v) in figure 1. quiescent current vs. input voltage t = 25c a i 1= 10ma o 3.3 3.0 2.5 1.5 1.0 0.5 0 0 2.0 4.0 6.0 8.0 10 12 14 16 18 20 o u t p u t v o l t a g e 1 v ( v ) o input voltage v 1(v) in figure 2. output voltage 1 vs. input voltage t = 25c a i 2 = 0a o v 2= 10v in i 1 = 10ma o o u t p u t v o l t a g e 2 v ( v ) o 7.9 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 2.0 4.0 6.0 8.0 10 12 14 16 18 19.9 input voltage v 2(v) in figure 3. output voltage2 vs. input voltage t = 25c a v 1= 6v in i 1 = 0a o i 2 = 10ma o 7.9 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 0.2 0.4 0.6 0.8 1.01.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 disable voltage (v) o u t p u t v o l t a g e v ( v ) o figure 4. output voltage vs. disable voltage high (low) 25.9 24.0 22.0 20.0 18.0 16.0 14.0 12.0 10.0 8.0 6.0 4.0 2.0 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 disable voltage v (v) in d i s a b l e b i a s c u r r e n t ( a ) 3.34 3.32 3.30 3.28 3.26 3.24 3.22 0 25 50 75 100 125 150 o u t p u t v o l t a g e 1 v ( v ) o figure 5. disable bias current vs. disable voltage temperature t (c) j figure 6. output voltage1 vs. temperature (t = 0 ~ 150) a q u i e s c e n t c u r r e n t i q ( m a ) t = 25c a v 1= 6v in v 2= 10.5v in i 2 = 10ma o 0.5amp fixed multi-output positive voltage regulator
c figure 7. output voltage2 vs. temperature (t = 0 ~ 150) a 7.9 7.89 7.88 7.87 7.86 7.85 7.84 0 25 50 75 100 125 150 o u t p u t v o l t a g e 1 v ( v ) o temperature t (c) j 10-sip h/ s p ackage outline dimensions 0.984 (typ) 25.00 (typ) 0.472 (typ) 12.00 (typ) 0.4725 0.0115 12.0 0.30 0.236 (min) 6.000 (min) 0.5905 0.0055 15.0 0.15 0.100 (typ) 2.540 (typ) 0.047 (typ) 1.200 (typ) inches mm ( ) 0.1575 0.0055 4.00 0.15 0.018 0.004 0.45 0.10 0.331 0.006 8.40 0.15 0.024 0.004 0.60 0.10 0.02 0.004 0.50 0.10 1.016 0.008 25.8 0.20 0.5amp fixed multi-output positive voltage regulator
|